|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistors with built-in Resistor UN2221/2222/2223/2224 Silicon NPN epitaxial planer transistor For digital circuits 0.650.15 2.8 -0.3 +0.2 Unit: mm 0.650.15 1.5 -0.05 +0.25 0.95 2.9 -0.05 1 q q Costs can be reduced through downsizing of the equipment and reduction of the number of parts. Mini type package, allowing downsizing of the equipment and automatic insertion through tape packing and magazine packing. 1.90.2 +0.2 0.95 3 1.45 0 to 0.1 s Features 2 s Resistance by Part Number q q q 0.1 to 0.3 0.40.2 s Absolute Maximum Ratings Parameter Collector to base voltage Collector to emitter voltage Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO IC PT Tj Tstg (Ta=25C) Ratings 50 50 500 200 150 -55 to +150 Unit V V mA mW C C 1:Base 2:Emitter 3:Collector 0.8 q UN2221 UN2222 UN2223 UN2224 Marking Symbol 9A 9B 9C 9D (R1) 2.2k 4.7k 10k 2.2k (R2) 2.2k 4.7k 10k 10k 1.1 -0.1 EIAJ:SC-59 Mini Type Package Internal Connection R1 C B R2 E s Electrical Characteristics Parameter Collector cutoff current Emitter cutoff current UN2221 UN2222 UN2223/2224 (Ta=25C) Symbol ICBO ICEO IEBO VCBO VCEO hFE VCE(sat) VOH VOL fT R1 Conditions VCB = 50V, IE = 0 VCE = 50V, IB = 0 VEB = 6V, IC = 0 IC = 10A, IE = 0 IC = 2mA, IB = 0 VCE = 10V, IC = 100mA IC = 100mA, IB = 5mA VCC = 5V, VB = 0.5V, RL = 500 VCC = 5V, VB = 3.5V, RL = 500 VCB = 10V, IE = -50mA, f = 200MHz (-30%) 200 2.2 4.7 10 R1/R2 0.8 1.0 0.22 1.2 (+30%) k 4.9 0.2 50 50 40 50 60 0.25 V V V MHz min typ max 1 1 5 2 1 V V mA Unit A A Collector to base voltage Collector to emitter voltage Forward UN2221 current UN2222 transfer ratio UN2223/2224 Collector to emitter saturation voltage Output voltage high level Output voltage low level Transition frequency Input resistance UN2221/2224 UN2222 UN2223 Resistance ratio UN2224 0.16 -0.06 +0.2 +0.1 0.4 -0.05 +0.1 1 Transistors with built-in Resistor Common characteristics chart PT -- Ta 250 UN2221/2222/2223/2224 Total power dissipation PT (mW) 200 150 100 50 0 0 20 40 60 80 100 120 140 160 Ambient temperature Ta (C) Characteristics charts of UN2221 IC -- VCE 300 100 VCE(sat) -- IC Collector to emitter saturation voltage VCE(sat) (V) Ta=25C IC/IB=10 400 hFE -- IC VCE=10V IB=1.0mA 250 30 10 3 1 Ta=75C 0.3 25C 0.1 0.03 0.01 1 3 10 30 100 300 1000 Collector current IC (mA) 0.9mA 200 0.8mA 0.7mA 150 0.6mA 0.5mA 100 0.4mA 0.3mA 50 0.2mA 0 0 2 4 6 8 0.1mA 10 12 Forward current transfer ratio hFE 300 Ta=75C 200 25C 100 -25C -25C 0 1 3 10 30 100 300 1000 Collector to emitter voltage VCE (V) Collector current IC (mA) Collector current IC (mA) Cob -- VCB 24 10000 f=1MHz IE=0 Ta=25C 3000 IO -- VIN VO=5V Ta=25C VIN -- IO 100 30 VO=0.2V Ta=25C Collector output capacitance Cob (pF) 20 Output current IO (A) 16 300 100 30 10 3 Input voltage VIN (V) 0.6 0.8 1.0 1.2 1.4 1000 10 3 1 0.3 0.1 0.03 0.01 0.1 12 8 4 0 0.1 0.3 1 3 10 30 100 1 0.4 0.3 1 3 10 30 100 Collector to base voltage VCB (V) Input voltage VIN (V) Output current IO (mA) 2 Transistors with built-in Resistor Characteristics charts of UN2222 IC -- VCE 300 100 UN2221/2222/2223/2224 VCE(sat) -- IC Collector to emitter saturation voltage VCE(sat) (V) Ta=25C IC/IB=10 200 VCE=10V hFE -- IC Forward current transfer ratio hFE 30 10 3 1 0.3 0.1 0.03 0.01 -25C Ta=75C 250 Ta=75C 150 25C Collector current IC (mA) IB=1.0mA 200 0.9mA 0.8mA 150 0.7mA 0.6mA 0.5mA 100 0.4mA 0.3mA 50 0.2mA 0.1mA 0 0 2 4 6 8 10 12 100 -25C 25C 50 0 1 3 10 30 100 300 1000 1 3 10 30 100 300 1000 Collector to emitter voltage VCE (V) Collector current IC (mA) Collector current IC (mA) Cob -- VCB 12 IO -- VIN f=1MHz IE=0 Ta=25C 10000 3000 VO=5V Ta=25C VIN -- IO 100 30 VO=0.2V Ta=25C Collector output capacitance Cob (pF) 10 Output current IO (A) 8 300 100 30 10 3 Input voltage VIN (V) 0.6 0.8 1.0 1.2 1.4 1000 10 3 1 0.3 0.1 0.03 0.01 0.1 6 4 2 0 0.1 0.3 1 3 10 30 100 1 0.4 0.3 1 3 10 30 100 Collector to base voltage VCB (V) Input voltage VIN (V) Output current IO (mA) Characteristics charts of UN2223 IC -- VCE 240 100 VCE(sat) -- IC Collector to emitter saturation voltage VCE(sat) (V) Ta=25C IC/IB=10 hFE -- IC 200 VCE=10V Ta=75C 25C 150 30 10 3 1 0.3 0.1 -25C 0.03 0.01 25C 200 160 IB=1.0mA 0.9mA 0.8mA Forward current transfer ratio hFE Collector current IC (mA) 120 0.7mA 0.6mA 80 0.5mA 0.4mA 40 0.3mA 0.2mA 0.1mA 0 0 2 4 6 8 10 12 Ta=75C 100 -25C 50 0 1 3 10 30 100 300 1000 1 3 10 30 100 300 1000 Collector to emitter voltage VCE (V) Collector current IC (mA) Collector current IC (mA) 3 Transistors with built-in Resistor Cob -- VCB 12 UN2221/2222/2223/2224 IO -- VIN VIN -- IO VO=5V Ta=25C 100 30 VO=0.2V Ta=25C Collector output capacitance Cob (pF) 10 f=1MHz IE=0 Ta=25C 10000 3000 Output current IO (A) 8 300 100 30 10 3 Input voltage VIN (V) 0.6 0.8 1.0 1.2 1.4 1000 10 3 1 0.3 0.1 0.03 0.01 0.1 6 4 2 0 0.1 0.3 1 3 10 30 100 1 0.4 0.3 1 3 10 30 100 Collector to base voltage VCB (V) Input voltage VIN (V) Output current IO (mA) Characteristics charts of UN2224 IC -- VCE 300 100 VCE(sat) -- IC Collector to emitter saturation voltage VCE(sat) (V) Ta=25C IC/IB=10 200 VCE=10V hFE -- IC 250 30 10 3 1 Ta=75C 0.3 25C 0.1 0.03 0.01 Forward current transfer ratio hFE Ta=75C 150 Collector current IC (mA) 25C 200 IB=1.0mA 0.9mA 0.8mA -25C 100 150 0.7mA 0.6mA 0.5mA 0.4mA 100 50 50 0.3mA 0.2mA 0.1mA -25C 0 0 2 4 6 8 10 12 0 1 3 10 30 100 300 1000 1 3 10 30 100 300 1000 Collector to emitter voltage VCE (V) Collector current IC (mA) Collector current IC (mA) Cob -- VCB 12 IO -- VIN f=1MHz IE=0 Ta=25C 10000 3000 VO=5V Ta=25C 1000 300 VIN -- IO VO=0.2V Ta=25C Collector output capacitance Cob (pF) 10 Output current IO (A) 8 300 100 30 10 3 Input voltage VIN (V) 0.6 0.8 1.0 1.2 1.4 1000 100 30 10 3 1 0.3 0.1 0.1 6 4 2 0 0.1 0.3 1 3 10 30 100 1 0.4 0.3 1 3 10 30 100 Collector to base voltage VCB (V) Input voltage VIN (V) Output current IO (mA) 4 |
Price & Availability of UN2221 |